|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? ? ? 1 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? a features ? molded metal construction with ultra low dcr ? magnetically shielded ? low profile ready (1.0mm~) ? high current capability (~110a) ? no acoustic noise an d no leakage field ? operating temperature range from -40c to +125c (including self-heating) b part number system 1mt 1350 - 2r2 m f ?? ?? ? ?? ?? ?? ? ?? series ?? dimension code (l*w*h) (mm) 1mt series code 201210 (2.01.251.0) 201610 (2.01.61.0) 201612 (2.01.61.2) 252010 (2.52.01.0) 252012 (2.5 2.01.2) 322510 (3.22.51.0) ?? inductance code 322512 (3.22.51.2) 0412 (4.0 4.01.2) 0420 (4.04.02.0) e.g. calculation 0518 (5.45.41.8) 0520 (5.45 .42.0) 0530 (5.45.43.0) 2r2 2.2 h 0715 (6.67.31.5) 0718 (6.6 7.31.8) 0724 (6.67.32.4) 101 1010 1 h = 100 h 0730 (6.67.33.0) 0750 (6.67.35.0) 1030 (10.111.53.0) 1040 (10.111.54.0) 1330 (12.6 13.83.0) 1350 (12.613.85.0) 1360 (12.613.86.0) 1365 (12.613.86.5) ?? rohs compliant ?? inductance tolerance ? m 20% c drawings and dimensions ? drawing fig. a schematic a b c d i i j h land pattern 1 2 drawing fig. b a b d c e i j h land pattern
? ? ? 2 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? case size dimensions drawing fig. a b c max d e i ref. j ref. h ref. 1mt201210 2.00.2 1. 250.2 1.0 0.50.3 / 2.0 0.9 1.2 a 1mt201610 2.00.2 1. 60.2 1.0 0.50.3 / 2.0 0.9 1.6 a 1mt201612 2.00.2 1. 60.2 1.2 0.50.3 / 2.0 0.9 1.6 a 1mt252010 2.50.2 2. 00.2 1.0 0.60.2 / 2.8 1.2 2.0 a 1mt252012 2.50.2 2. 00.2 1.2 0.60.2 / 2.8 1.2 2.0 a 1mt322510 3.20.2 2. 50.2 1.0 0.60.2 / 3.2 1.7 2.5 a 1mt322512 3.20.2 2. 50.2 1.2 0.60.2 / 3.2 1.7 2.5 a 1m t 0412 4.00.3 4.5 max 1.2 1. 50.3 0.80.3 5.2 2.5 2.5 b 1mt0420 4.00.3 4.5 max 2.0 1.50.3 0.80.3 5.2 2.5 2.5 b 1mt0518 5.40.3 5.4 max 1.8 2.00.3 1.10.3 6.0 2.2 2.5 b 1mt0520 5.40.3 5.4 max 2.0 2.00.3 1.10.3 6.0 2.2 2.5 b 1mt0530 5.40.3 5.4 max 3.0 2.00.3 1.10.3 6.0 2.2 2.5 b 1m t 0715 6.60.3 7.3 max 1.5 3. 00.3 1.60.3 8.4 3.7 3.5 b 1m t 0718 6.60.3 7.3 max 1.8 3. 00.3 1.60.3 8.4 3.7 3.5 b 1mt0724 6.60.3 7.3 max 2.4 3.00.3 1.60.3 8.4 3.7 3.5 b 1mt0730 6.60.3 7.3 max 3.0 3.00.3 1.60.3 8.4 3.7 3.5 b 1mt0750 6.60.3 7.3 max 5.0 3.00.3 1.60.3 8.4 3.7 3.5 b 1mt1030 10.10.3 11.5 max 3.0 3.00.3 2.00.3 13.6 5.4 4.1 b 1mt1040 10.10.3 11.5 max 4.0 3.00.3 2.00.3 13.6 5.4 4.1 b 1mt1330 12.60.3 13.8 max 3.0 4.00.3 2.00.3 14.5 8.0 5.0 b 1mt1350 12.60.3 13.8 max 5.0 4.00.3 2.00.3 14.5 8.0 5.0 b 1mt1360 12.60.3 13.8 max 6.0 4.00.3 2.00.3 14.5 8.0 5.0 b 1mt1365 12.60.3 13.8 max 6.5 4.00.3 2.00.3 14.5 8.0 5.0 b d specifications inductance 1 dcr 2 part number ? ) max. ( m ? ) irms 3 ( a ) isat 4 ( a ) 1mt201210-r33mf 0.33 20% 58.0 75.0 3.0 3.6 1mt201210-r47mf 0.47 20% 61.0 80.0 2.8 3.2 1mt201210-r68mf 0.68 20% 82.0 105.0 2.5 3.0 1mt201210-1r0mf 1.0 20% 137.0 155.0 2.0 2.0 1mt201610-r24mf 0.24 20% 28.0 40.0 4.5 4.2 1mt201610-r33mf 0.33 20% 40.0 48.0 3.8 4.0 1mt201610-r47mf 0.47 20% 44.0 54.0 3.6 3.2 1mt201610-r56mf 0.56 20% 46.0 59.0 3.3 2.8 1mt201610-r68mf 0.68 20% 55.0 72.0 3.0 2.7 1mt201610-1r0mf 1.0 20% 81.0 96.0 2.3 2.2 1mt201610-1r5mf 1.5 20% 122.0 150.0 2.0 2.1 1mt201610-2r2mf 2.2 20% 170.0 204.0 1.6 2.0 1mt201612-r24mf 0.24 20% 25.0 35.0 4.8 5.5 1mt201612-r47mf 0.47 20% 40.0 52.0 3.8 3.8 1mt201612-r68mf 0.68 20% 53.0 70.0 3.2 3.3 1mt201612-1r0mf 1.0 20% 67.0 82.0 2.7 3.1 1mt201612-1r5mf 1.5 20% 95.0 120.0 2.6 2.6 1mt201612-2r2mf 2.2 20% 165.0 195.0 1.7 2.0 1mt252010-r24mf 0.24 20% 24.0 40.0 5.0 7.5 1mt252010-r47mf 0.47 20% 36.0 46.0 3.6 5.2 1mt252010-r68mf 0.68 20% 49.0 65.0 3.3 3.8 1mt252010-1r0mf 1.0 20% 60.0 78.0 3.0 3.4 ? ? ? 3 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? inductance 1 dcr 2 part number ? ) max. ( m ? ) irms 3 ( a ) isat 4 ( a ) 1mt252010-1r5mf 1.5 20% 82.0 105.0 2.9 3.2 1mt252010-2r2mf 2.2 20% 130.0 156.0 1.8 2.6 1mt252012-r33mf 0.33 20% 27.0 35.0 4.6 6.8 1mt252012-r47mf 0.47 20% 29.0 39.0 4.4 6.2 1mt252012-r68mf 0.68 20% 40.0 46.0 3.7 5.5 1mt252012-1r0mf 1.0 20% 45.0 59.0 3.5 4.0 1mt252012-1r5mf 1.5 20% 62.0 70.0 2.7 3.4 1mt252012-2r2mf 2.2 20% 102.0 115.0 2.3 3.3 1mt322510-r47mf 0.47 20% 32.0 38.0 5.2 6.0 1MT322510-1R0MF 1.0 20% 52.0 62.0 3.7 4.0 1mt322510-1r5mf 1.5 20% 72.0 87.0 3.5 3.2 1mt322510-2r2mf 2.2 20% 98.0 118.0 2.5 2.7 1mt322512-r47mf 0.47 20% 21.0 31.0 5.3 6.0 1mt322512-1r0mf 1.0 20% 39.0 45.0 3.8 4.8 1mt322512-2r2mf 2.2 20% 70.0 84.0 3.0 3.2 1mt0412-r47mf 0.47 20% 19.0 21.0 6.0 6.8 1mt0412-r68mf 0.68 20% 32.0 36.0 4.5 6.0 1mt0412-1r0mf 1.0 20% 43.0 47.0 4.2 5.2 1mt0412-1r5mf 1.5 20% 68.0 75.0 3.2 4.0 1mt0412-2r2mf 2.2 20% 80.0 84.0 2.7 3.5 1mt0412-4r7mf 4.7 20% 175.0 195.0 1.8 2.8 1mt0420-r10mf 0.10 20% 4.5 5.0 11.0 30.0 1mt0420-r22mf 0.22 20% 7.3 8.0 9.0 17.0 1mt0420-r47mf 0.47 20% 14.0 15.5 6.0 11.5 1mt0420-1r0mf 1.0 20% 32.0 36.0 3.8 8.5 1mt0420-1r5mf 1.5 20% 38.0 46.0 3.5 6.0 1mt0420-2r2mf 2.2 20% 52.0 58.0 3.0 5.0 1mt0420-3r3mf 3.3 20% 74.0 87.0 2.5 4.0 1mt0420-4r7mf 4.7 20% 95.0 105.0 1.7 1.8 1mt0518-r56mf 0.56 20% 8.0 10.0 9.5 15.0 1mt0518-1r0mf 1.0 20% 15.0 17.0 8.0 9.0 1mt0518-1r2mf 1.2 20% 17.0 20.0 7.5 8.0 1mt0518-2r2mf 2.2 20% 30.0 35.0 5.0 6.5 1mt0518-3r3mf 3.3 20% 52.0 58.0 4.5 5.0 1mt0518-4r7mf 4.7 20% 78.0 85.0 3.5 4.0 1mt0518-6r8mf 6.8 20% 107.0 120.0 2.8 3.4 1mt0518-100mf 10 20% 140.0 155.0 2.5 3.0 1mt0520-r10mf 0.10 20% 3.6 3.9 17.0 38.3 1mt0520-r22mf 0.22 20% 4.9 5.2 15.0 28.7 1mt0520-r33mf 0.33 20% 7.6 8.2 12.0 21.3 1mt0520-r47mf 0.47 20% 8.1 8.8 11.5 17.9 1mt0520-r68mf 0.68 20% 11.2 12.4 10.0 15.8 1mt0520-1r0mf 1.0 20% 18.9 20.0 7.0 13.7 1mt0520-2r2mf 2.2 20% 45.6 50.1 4.2 10.7 1mt0520-3r3mf 3.3 20% 79.2 85.5 3.3 7.3 1mt0520-4r7mf 4.7 20% 108.0 116.6 2.8 4.3 1mt0520-5r6mf 5.6 20% 113.0 122.0 2.5 3.9 1mt0520-6r8mf 6.8 20% 139.0 150.0 2.4 3.7 1mt0520-100mf 10 20% 184.0 199.0 2.3 3.4 1mt0530-r68mf 0.68 20% 11.0 12.0 8.5 14.0 1mt0530-1r0mf 1.0 20% 13.0 14.0 7.0 11.0 1mt0530-1r2mf 1.2 20% 15.0 16.0 6.5 11.0 1mt0530-1r5mf 1.5 20% 20.0 25.0 6.0 10.0 1mt0530-2r2mf 2.2 20% 29.0 35.0 5.5 9.0 1mt0530-3r3mf 3.3 20% 32.0 38.0 5.0 7.0 1mt0530-4r7mf 4.7 20% 50.0 60.0 3.0 5.0 1mt0715-r56mf 0.56 20% 9.5 11.0 9.0 14.0 ? ? ? 4 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? inductance 1 dcr 2 part number ? ) max. ( m ? ) irms 3 ( a ) isat 4 ( a ) 1mt0715-r68mf 0.68 20% 10.5 12.0 8.5 12.0 1mt0715-r82mf 0.82 20% 15.0 17.0 7.0 10.0 1mt0715-1r0mf 1.0 20% 18.5 21.0 5.5 9.0 1mt0715-2r2mf 2.2 20% 46.0 54.0 3.5 6.0 1mt0715-3r3mf 3.3 20% 54.0 63.0 3.3 5.5 1mt0715-4r7mf 4.7 20% 76.0 85.0 3.2 5.0 1mt0715-6r8mf 6.8 20% 125.0 135.0 2.5 4.0 1mt0715-100mf 10 20% 165.0 175.0 2.0 3.0 1mt0718-r10mf 0.10 20% 2.0 2.5 18.0 45.0 1mt0718-r33mf 0.33 20% 5.2 6.8 12.0 22.0 1mt0718-r47mf 0.47 20% 7.3 8.4 11.0 18.0 1mt0718-r68mf 0.68 20% 11.0 12.7 9.0 17.0 1mt0718-1r0mf 1.0 20% 15.0 17.0 7.0 14.0 1mt0718-2r2mf 2.2 20% 30.0 35.0 6.0 13.0 1mt0718-3r3mf 3.3 20% 56.0 60.0 3.5 10.0 1mt0718-4r7mf 4.7 20% 68.0 70.0 3.5 5.0 1mt0718-6r8mf 6.8 20% 100.0 110.0 2.8 3.5 1mt0724-r10mf 0.10 20% 1.5 1.7 30.0 70.0 1mt0724-r22mf 0.22 20% 2.6 3.2 21.0 34.0 1mt0724-r33mf 0.33 20% 3.5 4.1 18.0 24.5 1mt0724-r47mf 0.47 20% 4.5 5.1 15.0 22.0 1mt0724-r56mf 0.56 20% 5.9 6.5 13.0 17.0 1mt0724-r82mf 0.82 20% 8.3 9.5 11.0 14.0 1mt0724-1r0mf 1.0 20% 11.2 13.5 9.0 16.0 1mt0724-1r5mf 1.5 20% 17.0 20.0 9.0 15.0 1mt0724-2r2mf 2.2 20% 23.0 28.0 7.0 14.0 1mt0724-3r3mf 3.3 20% 31.0 39.0 5.5 13.0 1mt0724-4r7mf 4.7 20% 41.0 50.0 5.0 10.0 1mt0724-5r6mf 5.6 20% 51.0 60.0 5.0 6.5 1mt0724-6r8mf 6.8 20% 57.0 70.0 4.0 6.0 1mt0724-100mf 10 20% 92.0 101.0 3.1 4.0 1mt0730-r10mf 0.10 20% 1.5 1.7 32.5 60.0 1mt0730-r22mf 0.22 20% 2.5 2.8 23.0 40.0 1mt0730-r33mf 0.33 20% 3.5 3.9 20.0 30.0 1mt0730-r47mf 0.47 20% 4.0 4.2 17.5 26.0 1mt0730-r56mf 0.56 20% 4.7 5.0 16.5 25.5 1mt0730-r68mf 0.68 20% 5.0 5.5 15.5 25.0 1mt0730-r82mf 0.82 20% 6.7 8.0 13.0 24.0 1mt0730-1r0mf 1.0 20% 9.0 10.0 11.0 22.0 1mt0730-1r5mf 1.5 20% 14.0 15.0 9.0 18.0 1mt0730-2r2mf 2.2 20% 18.0 20.0 8.0 14.0 1mt0730-3r3mf 3.3 20% 28.0 30.0 6.0 13.5 1mt0730-4r7mf 4.7 20% 37.0 40.0 5.5 10.0 1mt0730-6r8mf 6.8 20% 54.0 60.0 4.5 8.0 1mt0730-8r2mf 8.2 20% 54.0 60.0 4.5 6.0 1mt0730-100mf 10 20% 62.0 68.0 4.0 5.5 1mt0730-220mf 22 20% 160.0 185.0 2.5 3.0 1mt0750-r36mf 0.36 20% 3.2 3.5 21.0 25.0 1mt0750-r40mf 0.40 20% 3.2 3.5 20.0 23.0 1mt0750-r56mf 0.56 20% 3.4 3.6 20.0 18.0 1mt0750-r68mf 0.68 20% 3.9 4.2 18.0 17.0 1mt0750-r82mf 0.82 20% 4.6 4.9 16.5 16.0 1mt0750-1r0mf 1.0 20% 5.6 6.5 13.0 15.0 1mt0750-1r2mf 1.2 20% 6.0 7.5 12.0 13.0 1mt0750-1r5mf 1.5 20% 6.0 7.5 11.0 12.0 1mt0750-2r2mf 2.2 20% 11.2 12.5 8.0 12.0 1mt0750-3r3mf 3.3 20% 19.9 20.9 7.0 9.0 ? ? ? 5 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? inductance 1 dcr 2 part number ? ) max. ( m ? ) irms 3 ( a ) isat 4 ( a ) 1mt0750-4r7mf 4.7 20% 23.0 25.0 6.5 7.0 1mt0750-8r2mf 8.2 20% 40.0 43.0 5.5 5.5 1mt0750-100mf 10.0 20% 48.0 55.0 4.5 3.3 1mt1030-r10mf 0.10 20% 0.7 0.7 30.0 75.0 1mt1030-r33mf 0.33 20% 1.3 1.6 23.0 32.0 1mt1030-r36mf 0.36 20% 1.3 1.6 23.0 28.0 1mt1030-r47mf 0.47 20% 2.1 2.5 23.0 26.0 1mt1030-r56mf 0.56 20% 2.4 3.0 22.0 24.0 1mt1030-r68mf 0.68 20% 2.9 3.4 21.0 23.0 1mt1030-1r0mf 1.0 20% 5.3 6.0 15.0 21.0 1mt1030-1r5mf 1.5 20% 6.5 7.5 13.5 20.0 1mt1030-2r2mf 2.2 20% 8.0 9.0 13.0 16.0 1mt1030-3r3mf 3.3 20% 14.5 16.0 9.0 14.0 1mt1030-4r7mf 4.7 20% 20.5 22.5 7.0 13.0 1mt1030-8r2mf 8.2 20% 35.0 45.0 5.0 8.5 1mt1030-100mf 10 20% 50.0 55.0 5.0 7.5 1mt1030-150mf 15 20% 59.0 65.0 4.0 6.0 1mt1040-r22mf 0.22 20% 0.7 0.8 38.0 60.0 1mt1040-r36mf 0.36 20% 1.1 1.3 30.0 60.0 1mt1040-r39mf 0.39 20% 1.1 1.3 30.0 60.0 1mt1040-r47mf 0.47 20% 1.6 1.8 26.0 40.0 1mt1040-r56mf 0.56 20% 1.6 1.8 26.0 40.0 1mt1040-r68mf 0.68 20% 2.4 2.7 22.0 39.0 1mt1040-r82mf 0.82 20% 2.7 3.0 20.0 38.0 1mt1040-1r0mf 1.0 20% 3.0 3.3 18.0 36.0 1mt1040-1r5mf 1.5 20% 3.8 4.2 16.0 33.0 1mt1040-2r2mf 2.2 20% 6.7 7.0 12.0 27.0 1mt1040-3r3mf 3.3 20% 11.0 13.2 11.0 14.5 1mt1040-4r7mf 4.7 20% 13.2 16.5 10.0 13.0 1mt1040-5r6mf 5.6 20% 16.0 18.5 8.5 10.5 1mt1040-6r8mf 6.8 20% 21.5 24.0 7.5 9.5 1mt1040-100mf 10 20% 27.0 30.0 7.0 8.5 1mt1040-150mf 15 20% 40.0 45.0 6.0 7.0 1mt1040-220mf 22 20% 60.0 66.0 5.0 5.5 1mt1040-330mf 33 20% 85.0 92.0 4.4 5.0 1mt1040-470mf 47 20% 130.0 145.0 3.3 3.5 1mt1040-680mf 68 20% 178.0 195.0 2.3 3.0 1mt1330-r22mf 0.22 20% 1.1 1.3 38.0 65.0 1mt1330-r33mf 0.33 20% 1.3 1.5 36.5 62.0 1mt1330-r39mf 0.39 20% 1.5 1.7 34.5 57.0 1mt1330-r47mf 0.47 20% 1.7 2.0 32.0 55.0 1mt1330-r56mf 0.56 20% 1.8 2.2 29.0 51.0 1mt1330-r68mf 0.68 20% 2.3 2.5 28.0 49.0 1mt1330-r82mf 0.82 20% 2.6 3.0 25.0 44.0 1mt1330-1r0mf 1.0 20% 3.3 3.5 24.0 40.0 1mt1330-1r5mf 1.5 20% 5.1 5.5 19.0 35.0 1mt1330-2r2mf 2.2 20% 7.2 8.0 16.0 29.0 1mt1330-3r3mf 3.3 20% 10.0 12.0 12.0 27.0 1mt1330-4r7mf 4.7 20% 16.0 18.0 9.0 22.0 1mt1350-r36mf 0.36 20% 0.8 1.1 41.0 75.0 1mt1350-r47mf 0.47 20% 1.1 1.3 38.0 65.0 1mt1350-r56mf 0.56 20% 1.2 1.5 36.0 55.0 1mt1350-r68mf 0.68 20% 1.5 1.7 34.0 54.0 1mt1350-r82mf 0.82 20% 1.8 2.1 31.0 53.0 1mt1350-1r0mf 1.0 20% 2.0 2.5 29.0 50.0 1mt1350-1r5mf 1.5 20% 3.4 4.1 23.0 48.0 1mt1350-2r2mf 2.2 20% 4.5 5.5 20.0 32.0 ? ? ? 6 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? inductance 1 dcr 2 part number ? ) max. ( m ? ) irms 3 ( a ) isat 4 ( a ) 1mt1350-3r3mf 3.3 20% 7.8 9.2 15.0 32.0 1mt1350-4r7mf 4.7 20% 13.0 15.0 12.0 27.0 1mt1350-5r6mf 5.6 20% 14.0 16.5 11.5 22.0 1mt1350-6r8mf 6.8 20% 15.5 18.5 11.0 21.0 1mt1360-120mf 12 20% 20.0 23.0 7.0 10.0 1mt1360-150mf 15 20% 25.0 29.0 6.0 9.0 1mt1360-180mf 18 20% 30.0 35.0 5.0 8.0 1mt1360-220mf 22 20% 34.0 40.0 5.0 7.5 1mt1360-270mf 27 20% 40.0 53.0 4.5 6.5 1mt1360-330mf 33 20% 45.0 60.0 4.5 6.0 1mt1360-390mf 39 20% 50.0 65.0 4.0 5.0 1mt1360-121mf 120 20% 210.0 235.0 2.3 3.2 1mt1360-151mf 150 20% 300.0 350.0 2.0 2.7 1mt1365-r22mf 0.22 20% 0.6 0.7 47.0 110.0 1mt1365-r33mf 0.33 20% 0.8 0.9 41.0 65.0 1mt1365-r47mf 0.47 20% 1.0 1.2 38.0 60.0 1mt1365-r56mf 0.56 20% 1.2 1.4 35.0 60.0 1mt1365-r68mf 0.68 20% 1.4 1.6 32.0 60.0 1mt1365-r82mf 0.82 20% 1.6 1.9 30.0 50.0 1mt1365-1r0mf 1.0 20% 1.7 2.0 28.0 49.0 1mt1365-1r5mf 1.5 20% 2.5 3.0 25.0 45.0 1mt1365-2r2mf 2.2 20% 3.5 4.2 20.0 40.0 1mt1365-3r3mf 3.3 20% 5.7 6.8 15.0 35.0 1mt1365-4r7mf 4.7 20% 8.0 8.7 13.0 30.0 1mt1365-5r6mf 6.0 20% 9.3 10.0 12.0 26.0 1mt1365-6r8mf 6.8 20% 13.1 14.0 10.0 17.0 1mt1365-8r2mf 8.2 20% 14.5 15.5 9.5 16.0 1mt1365-100mf 10 20% 15.8 16.8 9.0 15.0 1mt1365-120mf 12 20% 19.5 22.0 8.0 14.0 1mt1365-150mf 15 20% 40.0 43.0 5.5 12.0 1mt1365-180mf 18 20% 40.0 43.0 5.5 12.0 1mt1365-220mf 22 20% 42.0 45.0 5.5 8.0 1mt1365-270mf 27 20% 48.0 53.0 5.0 7.0 1mt1365-330mf 33 20% 54.0 60.0 5.0 6.0 1mt1365-390mf 39 20% 60.0 65.0 4.5 5.0 1. inductance measured @ 100khz, 0.3v at 25c temperature. 2. dcr measured @ 25c. 3. irms: dc current for an approximate 40c rise from 20c ambient temperature. 4. isat: dc current for approximate 25% roll off at 25c. 5. specifications subject to change without notice please check our website for latest information. ? ? ? 7 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? e tape and reel specifications a b c e d ? w p p 0 p 1 h t case size parts per reel reel dimensions ( ref ) ta p e dimensions ( ref ) a b c d e w p p 0 p1 h t 1mt201210 3000 178 60 12 15 8.5 8 4 4 2 1.04 0.22 1mt201610 3000 178 60 12 15 8.5 8 4 4 2 1.15 0.25 1mt201612 3000 178 60 12 15 8.5 8 4 4 2 1.35 0.25 1mt252010 3000 178 60 12 15 8.5 8 4 4 2 1.15 0.25 1mt252012 3000 178 60 12 15 8.5 8 4 4 2 1.35 0.25 1mt322510 3000 178 60 12 15 8.5 8 4 4 2 1.55 0.22 1mt322512 3000 178 60 12 15 8.5 8 4 4 2 1.55 0.22 1m t 0412 3000 330 100 13 19 12.4 12 8 4 2 1.6 0.3 1mt0420 1500 330 100 13 19 12.4 12 8 4 2 2.5 0.3 1mt0518 1500 330 100 13 23 16.4 16 12 4 2 2.5 0.3 1mt0520 1500 330 100 13 23 16.4 16 12 4 2 2.5 0.3 1mt0530 1500 330 100 13 23 16.4 16 12 4 2 3.5 0.3 1m t 0715 2000 330 100 13 23 16.4 16 12 4 2 1.9 0.3 1m t 0718 1500 330 100 13 23 16.4 16 12 4 2 2.3 0.3 1mt0724 1500 330 100 13 23 16.4 16 12 4 2 2.9 0.3 1mt0730 1500 330 100 13 23 16.4 16 12 4 2 3.3 0.3 1mt0750 1000 330 100 13 23 16.4 16 12 4 2 5.5 0.3 1mt1030 1000 330 100 13 31 24.5 24 16 4 2 3.5 0.3 1mt1040 800 330 100 13 31 24.5 24 16 4 2 4.5 0.3 1mt1330 750 330 100 13 31 24.5 24 16 4 2 4.0 0.3 1mt1350 400 330 100 13 31 24.5 24 16 4 2 5.5 0.3 1mt1360 500 330 100 13 31 24.5 24 16 4 2 6.5 0.3 1mt1365 500 330 100 13 31 24.5 24 16 4 2 7.0 0.3 ? ? ? 8 ? 1mt series high current shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ???????????????? ?????????????????????? 1mt \ 2014 e accetek ? f recommended soldering profile profile feature recommended conditions avera g e ram p -u p rate 3 c/second max. ( tsmax to t p) preheat temperature min (ts min ) 100 c temperature max (ts max ) 150 c time (ts min to ts max )(ts) 60-180 seconds t ime maintained above: temperature (t l ) 217 c time (t l ) 60-150 seconds peak tem p erature ( t p) see table2 t ime within 5 c of actual peak 20-40 seconds t em p erature ( t p) 2 ram p -down rate 6 c / second max. t ime 25 c to peak tem p erature 8 minutes max package volume mm 3 volume mm 3 volume mm 3 thickness <350 350 - 2000 >2000 < 1.6mm 260 c 260 c 260 c 1.6mm - 2.5mm 260 c 250 c 245 c >2.5mm 250 c 245 c 245 c ta b l e 2 ta b l e 1 1. the above profiles are based on ipc/jedec j-std-020c. 2. exceeding these conditions may cause lowered product reliability. |
Price & Availability of 1MT322510-1R0MF |